Part Number Hot Search : 
V18ZS2 RFP450 TS1004 S1503 TEF6730 R20100 DA221M JS5208
Product Description
Full Text Search
 

To Download KTC1027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t o ? 92l 1. emitter 2. col lect or 3. base jiangsu changjiang ele c tron ics technology co., ltd t o -92l plastic-encapsulate transistors KTC1027 transist or (npn) fea tures z complementary to kta1023 z high voltage applications maximum ratings (t a =25 unless other w ise noted) symbol paramete r value unit v cbo coll ector-bas e voltage 120 v v ceo collector-emitter v oltage 120 v v ebo emitter-base v o ltage 5 v i c coll ector curr ent 0.8 a p c coll ector po wer dissipation 1 w r ja t hermal resist ance from junction to ambient 125 / w t j junctio n te mperature 150 t stg st orage temperature -55~+150 j c ( t www.cj-elec.com 1 www.cj-elec.com equivalent circuit  ktc 1027 ,!- .  ///, .  ordering inform a tion part number package packing method pack quantity t o -92l bulk t o -92l tape kt c 1027 kt c 1027 -ta e,aug,2017   ktc 1027 500pcs/bag 2000pcs/box solid dot = green mo ldi ng compou nd device, if none, the normal device
a t =25  unless otherwise specified www.cj-elec.com 2 e,aug,2017 parameter symbol test conditions min typ max unit collecto r-base breakdown voltage v (br)cb o i c =1 ma,i e = 0 120 v co llecto r-emitter breakdown voltage v (br)ce o i c = 10ma,i b = 0 120 v emitter-b a se breakdown voltage v (br )ebo i e =1 ma,i c =0 5 v collecto r cut-off current i cbo v cb = 120v ,i e = 0 0.1 a emitter cut-off current i ebo v eb =5v ,i c =0 0.1 a dc cu rr ent gain h fe v ce =5 v , i c = 100ma 80 240 co llecto r-emitter saturation voltage v ce(sa t) i c = 500ma,i b = 50ma 1 v base-emitter v o ltage v be v ce =5v , i c =500ma 1 v co llecto r output capacitance c ob v cb = 10v ,i e =0, f=1mhz 30 pf t r ansition frequency f t v ce =5 v,i c = 100ma 120 mhz classifica tion of h fe ran k o y ra n ge 80-160 120-240
s y mbol dimensions in millimeters dimensions in inches min. max. min. max. a 3.750 4.050 0.148 0.159 a1 1.280 1.580 0.050 0.062 b 0.380 0.550 0.015 0.022 b1 0.620 0.780 0.024 0.031 c 0.350 0.450 0.014 0.018 d 4.750 5.050 0.187 0.199 d1 4.000 0.157 e 7.850 8.150 0.309 0.321 e 1.270 typ. 0.050 typ. e1 2.440 2.640 0.096 0.104 l 13.800 14.200 0.543 0.559 1.600 0.063 0.000 0.300 0.000 0.012 h www.cj-elec.com 3 e,aug,2017
www.cj-elec.com 4 e,aug,2017


▲Up To Search▲   

 
Price & Availability of KTC1027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X